|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0022031142 Active 2.50mm (.098") Pitch Header, Single Row, 11.10mm (..437") Mating Pin Length, 14 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-3022-003 (PDF) Product Specification PS-3022-004 (PDF) Product Specification PS-99020-0088 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification UL General Product Family Series Application Product Name PCB Headers 3022 Wire-to-Board N/A Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 14 14 Natural (White) 94V-0 No None Brass Tin Tin Nylon 1 Vertical 0.134 In 3.40 mm No None 0.062 In 1.60 mm Bag 0.098 In 2.50 mm 200 5 200 5 No No No No -40C to +105C Through Hole Search Parts in this Series 3022Series Mates With 5124 Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 3022-14B Reference - Drawing Numbers Product Specification Sales Drawing PS-3022-003, PS-3022-004, PS-99020-0088 SDAE-3022-NB This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 22-03-1142 |